PART |
Description |
Maker |
80960HA 80960HT A80960HT60 A80960HT75SL2GP A80960H |
80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 80960HA/HD/HT 32位高性能超标量处理器 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 32-BIT, 60 MHz, RISC PROCESSOR, CPGA168 AC 3C 3#16S PIN RECP 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
|
http:// Intel, Corp. Intel Corp. Intel Corporation
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
NM27C040 NM27C040Q150NBSP NM27C040Q150 27C040 NM27 |
4,194,304 Bit (512K x 8) High Performance CMOS EPROM 4194304-Bit (512K x 8) High Performance CMOS EPROM 4,194,304-Bit (512K x 8) High Performance CMOS EPROM 4 /194 /304-Bit (512K x 8) High Performance CMOS EPROM IC-4MB CMOS OTP PROM
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
NM27C240 NM27C240QE120 |
4 Meg (256K x 16) High Performance CMOS EPROM [Life-time buy] 4,194,304-Bit (256k x 16) High Performance CMOS EPROM 4 /194 /304-Bit (256k x 16) High Performance CMOS EPROM 4,194,304位(256k × 16)高性能的CMOS存储
|
FAIRCHILD[Fairchild Semiconductor]
|
DSPIC33FJ256GP208I_PF DSPIC33FJ256GP208I_PT DSPIC3 |
High-Performance, 16-Bit Digital Signal Controllers dsPIC33FJXXXGPX06/X08/X10 Data Sheet DSPIC33FJ256GP510-IPF High-Performance,16-Bit Digital Signal Controllers High-Performance 16-Bit Digital Signal Controllers dsPIC33FJXXXGPX06/X08/X10 Data Sheet High-Performance 16-Bit Digital Signal Controllers High-Performance,16-Bit Digital Signal Controllers
|
Microchip Technology Inc.
|
SAB80C32 SAB80C32-16-P-T40/85 SAB80C32-20-N SAB80C |
High-Performance 8-Bit Single Chip Microcontroller 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40 High-Performance 8-Bit Single Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PDIP40 High-Performance 8-Bit Single Chip Microcontroller 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 High-Performance 8-Bit Single Chip Microcontroller 8-BIT, 16 MHz, MICROCONTROLLER, PDIP40 (SAB80C32 / SAB80C52) High-Performance 8-Bit Single Chip Microcontroller
|
Siemens Semiconductor Group SIEMENS AG
|
AM186ES AM188ES |
microcontrollers provide a low-cost/ high-performance solution for embedded system designers who wish to use the x86 architecture. High Performance/ 80C186-/80C188-Compatible and 80L186-/80L188-Compatible/ 16-Bit Embedded Microcontrollers
|
Advanced Micro Devices
|
Z8F021AHH020EC Z8F041AQB020EC ZILOGINC-Z8F022ASJ02 |
Z8 Encore! XP-R 4K Series High-Performance 8-Bit Microcontrollers 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 Z8 Encore! XP-R 4K Series High-Performance 8-Bit Microcontrollers 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, DSO8
|
ZiLOG, Inc. ZILOG INC
|
AT90SC19236R AT90SC19236RT |
Low-power, High performance 8-bit/16-bit secure microcontroller with 192K Byte ROM, 36K Byte EEPROM programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out High-performance, Low-power secureAVR?Enhanced RISC architecture. SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
SAB80C166-3S SAB80C166-S Q67120-C493 |
HIGH-PERFORMANCE 16-BIT CMOS SINGLE-CHIP MICROCONTROLLERS FOR EMBEDDED CONTROL APPLICATIONS High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125
|
Siemens Semiconductor Group SIEMENS AG
|
P320DT70RI P320DT60RI P320DT70VI P320DT90VI AM29PL |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
|
AMD[Advanced Micro Devices]
|